PART |
Description |
Maker |
TL3301 |
TACT SWITCHES SMT - 6mm x 6mm
|
E-SWITCH
|
MAX4828ELT MAX4827ELT MAX4826ELT MAX4829ELT MAX482 |
50mA/100mA Current-Limit Switches with NO-LOAD Flag in μDFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in 楼矛DFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in レDFN
|
Maxim Integrated Products
|
MAX4995AAVBT MAX4995AFAVBT MAX4995ALAVBT MAX4995BA |
50mA to 600mA Programmable Current-Limit Switches
|
Maxim Integrated Products
|
MAX4787EXST |
50mA/100mA Current-Limit Switches SPECIALTY ANALOG CIRCUIT, PDSO4
|
Maxim Integrated Products, Inc.
|
KT862L11 KT875N15 KT872L55 KT872N11 KT872N55 KT872 |
SLOTTED OPTICAL SWITCHES PHOTOTRAMSISTOR OUTPUT POT 1K 6MM CERM SQ ST TOP 122 x 32 pixel format, Compact LCD size 开槽光开关PHOTOTRAMSISTOR输出 SLOTTED OPTICAL SWITCHES PHOTOTRAMSISTOR OUTPUT 开槽光开关PHOTOTRAMSISTOR输出
|
Intersil, Corp. TT electronics OPTEK Technology OPTEK Technologies
|
NE32740A NE32708 NE32740B NE32702 NE32700 |
TRANSISTOR | BJT | NPN | 50MA I(C) | MACRO-X TRANSISTOR | BJT | NPN | 50MA I(C) | MICRO-X TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 50MA I(C) | CHIP 晶体管|晶体管|叩| 12V的五(巴西)总裁| 50mA的一(c)|芯片
|
Panasonic, Corp.
|
MAX4622CPE MAX4622CSE MAX4622EPE MAX4622ESE MAX462 |
Dual, 5?Analog Switches Dual / 5 Analog Switches Dual.5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9 Analog Switches Dual, 5 Analog Switches Dual 5 Analog Switches Dual, 5з Analog Switches
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SB005-09SPA SB005-09CPA |
90V, 50mA Rectifier(重复反向电压-90V,平均整流电0mA 整流 Schottky Barrier Diode Shottky barrier diode, 90V/50mA rectifier 90V/ 50mA Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
2SC3906K 2SC4102 2SC2389S |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-voltage Amplifier Transistor(120V 50mA) Transistors
TRANSISTOR|BJT|NPN|120VV(BR)CEO|50MAI(C)|SOT-23VAR
High-voltage Amplifier Transistor(120V/ 50mA) High-voltage Amplifier Transistor(120V, 50mA) 高电压放大器晶体管(120伏特0mA的)
|
Toshiba Semiconductor ROHM[Rohm] Rohm Co., Ltd.
|
598-8721-307F 598-8730-307F 598-8720-307F 598-8710 |
Micro LED SMD LED (1.6mm X 1.6mm X 0.7mm) Tri-Color
|
Dialight Corporation
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
Z8913829ASC Z8913920FSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8-BIT MICROCONTROLLER 8位微控制
|
TOKO, Inc.
|